PART |
Description |
Maker |
36511-0122 0365110122 MMB1502R963 MM-B1502-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 4.50mm (.177), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
|
Molex Electronics Ltd.
|
250001MB |
2.50mm PITCH BATTERY CONNECTOR
|
SUYIN USA, INC.
|
250105MR004XX05XX 250105MR004XX06XX 250105MR004XX0 |
2.50mm Pitch Battery Conn
|
SUYIN USA, INC.
|
250237MR005G115ZL |
2.50mm PITCH Battery MALE R/A DIP TYPE
|
SUYIN USA, INC.
|
53307-1071 0533071071 |
0.80mm (.031) Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 4.50 and 5.50mm (.177 and .217) Stacking Heights, Lead-free, 10 Circuits 0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 4.50 and 5.50mm (.177 and .217") Stacking Heights, Lead-free, 10 Circuits
|
Molex Electronics Ltd.
|
53307-2471 0533072471 |
0.80mm (.031) Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 4.50 and5.50mm (.177 and .217) Stacking Heights, Lead-free, 24 Circuits 0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 4.50 and5.50mm (.177 and .217") Stacking Heights, Lead-free, 24 Circuits
|
Molex Electronics Ltd.
|
367180074 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6μm (24μ) Selective Gold (Au), PC Tail Length 4.50mm (.177), 32 Circuits, Lead free
|
Molex Electronics Ltd.
|
250017MB003XX00XX 250012MA009GX00ZR 250007MA004GX0 |
2.50mm Pitch Battery Connector 2.50mm Pitch Battery Connector
|
SUYIN USA, INC. http://
|
34250-0020 0342500020 |
4.50mm (.177) Pitch MX150 Cable Sealed Female Connector, Single Row, 3Circuits, Polarization D, without Connector Position Assurance, Dual Key, Green
|
Molex Electronics Ltd.
|
34250-0036 0342500036 |
4.50mm (.177) Pitch MX150 Cable Sealed Female Connector, Single Row, 3Circuits, Polarization D, with Connector Position Assurance, Single Key, Gray
|
Molex Electronics Ltd.
|
ADP3820ART-4.2-RL7 ADP3820ART-4.2-RL |
±1% Precision Single Cell Li-Ion Battery Charger
|
Analog Devices
|
3022-11A |
2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 11 Circuits
|
Molex Electronics Ltd.
|
|